Part Number Hot Search : 
BAT54 2FTR68SG 1316C 1N4936 LM3S1110 1N4936 A1200 1375HV
Product Description
Full Text Search
 

To Download AQ105DY-M5-12-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AQ105
Secondary V/I amplifier
SOT23-5 and SC70-5 Package
Product Specification Revision 1.3 July 17, 2006
General Description
The AQ105 is a low cost secondary control circuit for low power applications needing constant voltage and constant current control. It implements a simple single-loop control by modifying the internal reference level as a function of current above the current limit threshold. The current loop reduces the reference by 40 mV per mV change at the current sense input. The error amp provides high gain and bandwidth under low voltage operation.
Applications * Offline Battery Chargers * Constant V/ Constant I supplies Features * 1.25V reference * 200mV current limit threshold * Error amp output swings near ground for * * * * * * * *
low voltage operation High PSRR and line regulation Low current consumption Offered in ultra small SC70-5 package Open collector output Low voltage operation 2.2V 10mA current sink 50 ppm/C typical temperature deviation RoHS compliant available
Block Diagram
Pin Configuration
www.acutechnology.com
AQ105
Acutechnology Semiconductor Inc.
AQ105
Typical Application
Pin Descriptions
Pin 1 2 3 4 5 Pin Name VCC GND COMP FB CS Function Positive supply Ground Output of error amplifier; 10 mA source/sink capability Inverting input to error amplifier; will have threshold of 1.25V. Current sense input
Ordering Information
Device AQ105 AQ105 AQ105 AQ105
Note: The
Operating Tj -20C 105C -20C 105C -20C 105C -20C 105C
%Tol 1.0 1.0 1.0 1.0
Pkg Type SOT-23-5 SOT-23-5 SC70-5 SC70-5
VOUT 1.25V 1.25V 1.25V 1.25V
Wrap T&R T&R T&R T&R
Ordering Number AQ105DY-M5-12-TR AQ105DY-M5-12-TRL AQ105DY-C5-12-TR AQ105DY-C5-12-TRL
TRL parts are Lead Free and RoHS compliant.
www.acutechnology.com
2
Rev. 1.3
July 17, 2006
Acutechnology Semiconductor Inc.
AQ105
Absolute Maximum Ratings
Parameter VCC Voltage COMP Voltage REF Voltage CS Voltage (Self limiting diodes) VCC, COMP, REF, CS Current Operating Junction Temperature Lead Temperature (soldering 10 seconds) Storage Temperature Range ESD Rating (HBM) Value 20 20 20 1 50 150 260 -65 to +150 2 Units V V V V mA C C C KV
Electrical Specifications
Electrical characteristics are guaranteed over the full temperature range -20C Vcs=-250 mV
Conditions VCOMP=1V VCC=15V Ta=25C VCC=2.5V to VCC=18V ICOMP=1mA to 5mA -20C Min 2.2
Typ 0.2
Max 18 0.5 1.263 1 2 1 500
Units V mA V mV mV % nA dB dB MHz
1.238
1.250 0.2 1 0.5
-500 40 80 2.5 200 2.5 200 197 195 36 40 150
220
250
mV mA/mV
TRANSC Output Transconductance Ileak Vcs Gain Ics Output Leakage Current Current sense threshold voltage Current sense gain to reference Bias current
400 203 205 44
nA mV mV/mV A
www.acutechnology.com
3
Rev. 1.3
July 17, 2006
Acutechnology Semiconductor Inc.
AQ105
Package Dimensions SOT23-3, SOT23-4, SOT23-5, SOT23-6
www.acutechnology.com
4
Rev. 1.3
July 17, 2006
Acutechnology Semiconductor Inc.
AQ105
Package Dimensions (contd.) SC70-3, SC70-4, SC70-5, SC70-6
Contact Information
Acutechnology Semiconductor Inc. 3487 McKee Rd. Suite 52 San Jose CA , USA 95127
Disclaimer
The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However, Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications at any time without notification to the customer.
TEL: FAX: website:
(408) 259-2300 (408) 259-9160 www.acutechnology.com
Life Support Policy
Acutechnology Products are not designed or authorized for use as components in life support devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user.
www.acutechnology.com
5
Rev. 1.3
July 17, 2006


▲Up To Search▲   

 
Price & Availability of AQ105DY-M5-12-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X